Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B75-1B20-KOG Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # B75-1B20-KOG
Description  Non-Bleed Switch For Liquid Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B75-1B20-KOG Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  B75-1B20-KOG Datasheet HTML 1Page - Magnetrol International, Inc. B75-1B20-KOG Datasheet HTML 2Page - Magnetrol International, Inc. B75-1B20-KOG Datasheet HTML 3Page - Magnetrol International, Inc. B75-1B20-KOG Datasheet HTML 4Page - Magnetrol International, Inc. B75-1B20-KOG Datasheet HTML 5Page - Magnetrol International, Inc. B75-1B20-KOG Datasheet HTML 6Page - Magnetrol International, Inc. B75-1B20-KOG Datasheet HTML 7Page - Magnetrol International, Inc. B75-1B20-KOG Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
42-686 Series K Pneumatic Switch Mechanism
3.0
Reversing Pilot Action
All Series K Pneumatic Switch Mechanisms are shipped
from the factory in the direct (close) position at high level.
They can be field modified for the reverse (open) position
by following the steps below:
1. The action can be reversed by first removing the upper
shoulder screw from the actuator link and moving it from
the direct (D) position to the reverse (R); refer to Figure 3.
2. Loosen the screw that positions the spring bracket and
move it from the direct (D) position to the reverse (R) posi-
tion; refer to Figure 4.
3. Fasten screw securely.
The switch is now setup for reverse action.
4.0
Locating Air Line Connection
Caution: Instrument is designed for dry air/gas service.
The housing base may be rotated a full 360° for your con-
venience in connecting the air supply.
1. Loosen both the special locking screw above the enclosing
tube nut and the frame screw. Refer to Figure 3.
2. Rotate the entire base to the desired position.
3. Tighten both the locking screw and the frame screw.
4.0.1 Remove complete mechanism
1. Disconnect air line from air line adapter.
2. Loosen both the special locking screw, above the enclosing
tube nut, and the frame screw approximately 3 to 4 turns.
Refer to Figure 3.
3. Lift the entire base straight up and off the enclosing tube.
Figure 4
Fall-out spring
1
⁄4" NPT Outlet
connection
1
⁄4" NPT Air line
inlet connection
Enclosing tube
Reverse position
Upper shoulder
screw
Direct position
Direct
position
Spring
bracket
Reverse
position
Figure 3
Fall-out stop
Magnet Tab
Housing
base
Enclosing tube
Frame screw
Enclosing
tube nut
Locking screw
Actuator
link



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com