Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1N60C Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW1N60C
Description  N-channel D-PAK/I-PAK/TO-92 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW1N60C Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW1N60C Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60C Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60C Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60C Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60C Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60C Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60C Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Features
■ High ruggedness
■ R
DS(ON) (Max 9 Ω)@VGS=10V
■ Gate Charge (Max 6nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics,
such as fast switching time, low on resistance, low gate charge and especially
excellent avalanche characteristics. This power MOSFET is usually used
at AC adaptors and SMPS.
N-channel D-PAK/I-PAK/TO-92 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-92
TO-251
TO-252
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
0.8
1.0
A
Continuous Drain Current (@T
C=100
oC)
0.5
0.65
A
I
DM
Drain current pulsed
(note 1)
2.0
4.0
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
52
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
0.3
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
3
30
W
Derating Factor above 25oC
0.025
0.23
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
260
275
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-92
TO-251
TO-252
R
thjC
Thermal resistance, Junction to case
-
4.2
oC/W
R
thCS
Thermal resistance, Junction to Lead Max
40
-
oC/W
R
thjA
Thermal resistance, Junction to ambient
120
100
oC/W
Mar. 2011. Rev. 2.0
1/7
BV
DSS : 600V
I
D
: 1.0A
R
DS(ON) : 9.0ohm
1
2
3
SW1N60C
SAMWIN
1
2
3
1
2
3
1. Gate 2. Drain 3. Source
TO-251
1
2
3
TO-252
TO-92
Item
Sales Type
Marking
Package
Packaging
1
SW C 1N60C
SW1N60C
TO-92
TAPE
2
SW I 1N60C
SW1N60C
TO-251
TUBE
3
SW D 1N60C
SW1N60C
TO-252
REEL
Order Codes


Similar Part No. - SW1N60C

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60 SEMIPOWER-SW1N60 Datasheet
737Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SW1N60 VBSEMI-SW1N60 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Xian Semipower Electron...
SW1N60A SEMIPOWER-SW1N60A Datasheet
719Kb / 7P
N-channel MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
SW1N60DC SEMIPOWER-SW1N60DC Datasheet
926Kb / 6P
N-channel Enhanced mode TO-252/SOT-223 MOSFET
More results

Similar Description - SW1N60C

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW3N10 SEMIPOWER-SW3N10 Datasheet
535Kb / 5P
N-channel D-PAK MOSFET
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW7N60K SEMIPOWER-SW7N60K Datasheet
682Kb / 6P
N-channel TO-220F/I-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com