Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW12N60 Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW12N60
Description  N-channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW12N60 Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW12N60 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Fig. 1. On-state characteristics
Fig. 2. Transfer characteristics
Fig. 3. On-resistance variation vs.
drain current and gate voltage
Fig. 5. Capacitance characteristics
(Non-Repetitive)
Fig. 6. Gate charge characteristics
Fig. 4. On state current vs.
diode forward voltage
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom: 4.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
℃
V
DS, Drain-Source Voltage [V]
2
468
10
10
-1
10
0
10
1
150
oC
25
o
C
-55
o
C
※ Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
0
5
10
15
20
25
30
35
0.5
1.0
1.5
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
℃
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
3500
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
10
20304050
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
※ Note : I
D = 12A
Q
G, Total Gate Charge [nC]
SW
SW12
12N60
N60
SAMWIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com