Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW20N60 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW20N60
Description  N-channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW20N60 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW20N60 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Features
■ High ruggedness MOSFET
■ R
DS(ON) (Max 0.3Ω)@VGS=10V
■ Gate Charge (Max 80 nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as
fast switching time, low on resistance, low gate charge and especially excellent
avalanche characteristics. This power MOSFET is usually used at high efficient DC to
DC converter block, high efficiency switch mode power supplies, power factor
correction, electronic lamp ballast based on half bridge.
N-channel Power MOSFET
Absolute maximum ratings
Symbol
Parameter
SW20N60
Unit
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
20
A
Continuous Drain Current (@T
C=100
oC)
14
A
I
DM
Drain current pulsed
(note 1)
80
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
1100
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
30
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
300
W
Derating Factor above 25oC
2.38
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 175
oC
T
L
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
R
thjc
Thermal resistance, Junction to case
0.42
oC/W
R
thcs
Thermal resistance, Case to Sink
0.24
oC/W
R
thja
Thermal resistance, Junction to ambient
40
oC/W
Mar. 2011. Rev. 2.0
1
2
3
SW20N60
SAMWIN
1. Gate 2. Drain 3. Source
1
2
3
TO-3P
BV
DSS : 600V
I
D
: 20A*
R
DS(ON) : 0.3ohm
1/7
Item
Sales Type
Marking
Package
Packaging
1
SW W 20N60
SW20N60
TO-3P
TUBE
Order Codes


Similar Part No. - SW20N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW20N60U SEMIPOWER-SW20N60U Datasheet
674Kb / 5P
N-channel TO-3P MOSFET
More results

Similar Description - SW20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com