Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1227 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB1227
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1227 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1227 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1227 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB1227 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1227
DESCRIPTION
・With TO-220F package
・Complement to type 2SD1829
・High DC current gain.
・Large current capacity and wide ASO.
・Low saturation voltage.
・DARLINGTON
APPLICATIONS
・Suitable for use in control of motor drivers,
printer hammer drivers,relay drivers,and
constant-voltage regulators.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-110
V
VCEO
Collector-emitter voltage
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-6
V
IC
Collector current
-5
A
ICM
Collector current-peak
-8
A
TC=25℃
25
PC
Collector dissipation
Ta=25℃
2
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
Fig.1 simplified outline (TO-220F) and symbol


Similar Part No. - 2SB1227

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1227 SANYO-2SB1227 Datasheet
128Kb / 4P
Driver Applications?
logo
Savantic, Inc.
2SB1227 SAVANTIC-2SB1227 Datasheet
214Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1227 JMNIC-2SB1227 Datasheet
154Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1227 SAVANTIC-2SB1227 Datasheet
216Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1227 NJSEMI-2SB1227 Datasheet
129Kb / 2P
Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1227

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com