Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F50-1A2F-JEE Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # F50-1A2F-JEE
Description  Flow Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

F50-1A2F-JEE Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button F50-1A2F-JEE Datasheet HTML 17Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 18Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 19Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 20Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 21Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 22Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 23Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 24Page - Magnetrol International, Inc. F50-1A2F-JEE Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
47-602 F10 and F50 Flow Switches
21
4.5
Replacement Parts
4.5.1 Model F10
1
11
17
18
4
2
20
3
9
16
5
19
12
13
25
26
27
8
6
7
10
15
FLO
1
11
17
18
4
2
20
14
23
24
22
21
3
9
16
5
19
12
13
25
26
27
8
6
7
10
15
Figure 11 — F10 with Flange Connection
Figure 12 — F10 with Threaded Connection
27
1
Housing cover
2
Housing base
3
Switch mechanisms
4
Baffle plate
5
6-32 round head screw
6
1/4-20 NPT plug
7
Safety retainer
8
Washer
9
O-ring
10
Adjustment screw
11
Enclosing tube
12
Enclosing tube gasket
13
Body bushing or stem, cam follower & flange assy.
14
Flow arrow
15
Upper spring guide
16
Range spring
17
10-32 hex nut
18
Lower spring guide
19
Attraction sleeve
20
Washer
21
Stem assembly
22
Cam assembly
23
No. 8 lock washer
24
8-32 fillister head screw
25
8-32 round head screw
26
Small vane
27
Large vane
4.5.1.1 Model F10 Parts Identification
Series Type
Bulletin #
Dry contact
B, C, D
42-683
Hermetically sealed
HS
42-694
Bleed type pneumatic
J
42-685
Non-bleed type pneumatic
K
42-686
4.5.1.2 Model F10 Switch and Housing Reference
IMPORTANT:
When ordering replacement parts, please specify:
A. Model and serial number of control.
B. Name and number of replacement part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com