Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P61-2G3B-PEA Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # P61-2G3B-PEA
Description  Liquid Level Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

P61-2G3B-PEA Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button P61-2G3B-PEA Datasheet HTML 17Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 18Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 19Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 20Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 21Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 22Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 23Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 24Page - Magnetrol International, Inc. P61-2G3B-PEA Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
48-620 Modulevel Pneumatic Liquid Level Control
21
NOTE: Use extreme care in handling the reed switches during wiring
and adjustment procedures.
2.3.7.3 Adjustment Procedure
Prior to adjusting the reed switches, the Pneumatic
Modulevel should be calibrated to obtain the desired
pneumatic proportional band and level position
adjustment.
After wiring the reed switches to the device to be
operated, they may be adjusted manually to actuate at
the desired high and low liquid level positions. Move
the liquid indicator by hand to the desired low level
actuating point on the indicator scale.
NOTE: Scale readings are expressed in percent of displacer length.
Hold the indicator at the desired low level actuating
point. Turn the left hand adjuster screw until the reed
switch actuates.
The high level reed switch is adjusted in the same
manner by moving the level indicator to the desired
high level actuating point, and by turing the right
hand adjuster screw until the high level reed switch
actuates.
2.4
Field Modifications and Adjustments
2.4.1 Changing Controller Action
The controller can be changed from direct acting to
reverse acting or vice versa. Should it be required to
change the controller action, refer to step 2 in the
Proportional Controllers section of Calibration.
Refer to page 13.
2.4.2 Proportional Band Models to Differential Gap
A proportional band controller can be changed to operate
in the differential gap mode. For the appropriate proce-
dures, see the Differential Gap section on page 18.
2.4.3 Pneumatic-to-Current (P/I) Converter
Modulevel units are available with a P/I transducer to
provide an electronic output signal proportional to liquid
level change. Refer to the manufacturer's instructions
supplied with the transducer.
Reed Switch
Adjuster
Screw
Non-Magnetic
Enclosing Tube
Level Sensing
Displacer
Magnet
Attractor
Pivoted
Magnet
Liquid Level
Indicator Scale
Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com