Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80EPF06 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 80EPF06
Description  Fast Soft Recovery Rectifier Diode, 80 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80EPF06 Datasheet(HTML) 3 Page - Vishay Siliconix

  80EPF06 Datasheet HTML 1Page - Vishay Siliconix 80EPF06 Datasheet HTML 2Page - Vishay Siliconix 80EPF06 Datasheet HTML 3Page - Vishay Siliconix 80EPF06 Datasheet HTML 4Page - Vishay Siliconix 80EPF06 Datasheet HTML 5Page - Vishay Siliconix 80EPF06 Datasheet HTML 6Page - Vishay Siliconix 80EPF06 Datasheet HTML 7Page - Vishay Siliconix 80EPF06 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94106
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Jun-08
3
80EPF..PbF Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 80 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
150
0
Average Forward Current (A)
10
90
20
90
110
120
100
30
50
130
70
40
80
80
60
80EPF.. Series
R
thJC (DC) = 0.35 K/W
Conduction angle
30°
60°
90°
120°
180°
140
Ø
150
060
Average Forward Current (A)
100
110
140
120
20
40
130
140
100
80
120
80
80EPF.. Series
R
thJC (DC) = 0.35 K/W
Ø
Conduction period
30°
60°
90°
120°
180°
DC
90
20
0
140
0
Average Forward Current (A)
50
80
90
120
60
20
30
10
40
60
40
70
180°
120°
90°
60°
30°
Conduction angle
RMS limit
80EPF.. Series
T
J = 150 °C
80
100
Ø
20
0
180
0
Average Forward Current (A)
80
140
40
20
60
60
120
40
100
140
100
120
80
DC
180°
120°
90°
60°
30°
80EPF.. Series
T
J = 150 °C
Ø
Conduction period
RMS limit
160
900
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
400
200
300
500
700
600
800
80EPF.. Series
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
1000
300
0.01
0.1
Pulse Train Duration (s)
600
200
400
500
800
1000
1
700
900
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
80EPF.. Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com