Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83CNQ080ASLPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 83CNQ080ASLPBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

83CNQ080ASLPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  83CNQ080ASLPBF Datasheet HTML 1Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 2Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 3Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 4Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 5Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 6Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 7Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 8Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94259
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 16-Apr-10
5
VS-83CNQ...A PbF Series
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 40 A
Vishay High Power Products
ORDERING INFORMATION TABLE
2
-
Current rating (80 A)
3
4
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
8
Standard pack quantity: A = 10 pieces; ASM/ASL = 20 pieces
A = D-61-8
ASM = D-61-8-SM
ASL = D-61-8-SL
-
Package style:
N = D-61
-
Package:
C = Common cathode
-
Circuit configuration:
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
1
3
24
67
8
VS-
83
C
N
Q
100
A
PbF
1
-
HPP product suffix
080 = 80 V
100 = 100 V
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95354
Part marking information
www.vishay.com/doc?95356
SPICE model
www.vishay.com/doc?95290



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com