Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM22LD16 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM22LD16
Description  4Mbit F-RAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM22LD16 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM22LD16 Datasheet HTML 1Page - Ramtron International Corporation FM22LD16 Datasheet HTML 2Page - Ramtron International Corporation FM22LD16 Datasheet HTML 3Page - Ramtron International Corporation FM22LD16 Datasheet HTML 4Page - Ramtron International Corporation FM22LD16 Datasheet HTML 5Page - Ramtron International Corporation FM22LD16 Datasheet HTML 6Page - Ramtron International Corporation FM22LD16 Datasheet HTML 7Page - Ramtron International Corporation FM22LD16 Datasheet HTML 8Page - Ramtron International Corporation FM22LD16 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FM22LD16 - 256Kx16 FRAM
Rev. 2.0
Dec. 2009
Page 2 of 14
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
A(17:0)
Input
Address inputs: The 18 address lines select one of 262,144 words in the F-RAM array. The
lowest two address lines A(1:0) may be used for page mode read and write operations.
/CE
Input
Chip Enable input: The device is selected and a new memory access begins when /CE is
low. The entire address is latched internally on the falling edge of /CE. Subsequent changes
to the A(1:0) address inputs allow page mode operation when /CE is low.
/WE
Input
Write Enable: A write cycle begins when /WE is asserted. The rising edge causes the
FM22LD16 to write the data on the DQ bus to the F-RAM array. The falling edge of /WE
latches a new column address for page mode write cycles.
/OE
Input
Output Enable: When /OE is low, the FM22LD16 drives the data bus when valid read data is
available. Deasserting /OE high tri-states the DQ pins.
DQ(15:0)
I/O
Data: 16-bit bi-directional data bus for accessing the F-RAM array.
/UB
Input
Upper Byte Select: Enables DQ(15:8) pins during reads and writes. Deasserting /UB high
tri-states the DQ pins. If the user does not perform byte writes and the device is not
configured as a 512Kx8, the /UB and /LB pins may be tied to ground.
/LB
Input
Lower Byte Select: Enables DQ(7:0) pins during reads and writes. Deasserting /LB high tri-
states the DQ pins. If the user does not perform byte writes and the device is not configured
as a 512Kx8, the /UB and /LB pins may be tied to ground.
VDD
Supply
Supply Voltage
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com