Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24C64B Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM24C64B
Description  64Kb Serial 5V F-RAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C64B Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM24C64B Datasheet HTML 1Page - Ramtron International Corporation FM24C64B Datasheet HTML 2Page - Ramtron International Corporation FM24C64B Datasheet HTML 3Page - Ramtron International Corporation FM24C64B Datasheet HTML 4Page - Ramtron International Corporation FM24C64B Datasheet HTML 5Page - Ramtron International Corporation FM24C64B Datasheet HTML 6Page - Ramtron International Corporation FM24C64B Datasheet HTML 7Page - Ramtron International Corporation FM24C64B Datasheet HTML 8Page - Ramtron International Corporation FM24C64B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FM24C64B
Rev. 1.3
Feb. 2011
2 of 12
Address
Latch
1,024 x 64
FRAM Array
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A0-A2
Data Latch
Figure 1. FM24C64B Block Diagram
Pin Description
Pin Name
I/O
Pin Description
A0-A2
Input
Address 2-0: These pins are used to select one of up to 8 devices of the same type on
the same two-wire bus. To select the device, the address value on the three pins must
match the corresponding bits contained in the device address. The address pins are
pulled down internally.
SDA
I/O
Serial Data Address: This is a bi-directional pin used to shift serial data and addresses
for the two-wire interface. It employs an open-drain output and is intended to be wire-
OR’d with other devices on the two-wire bus. The input buffer incorporates a Schmitt
trigger for noise immunity and the output driver includes slope control for falling
edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock input for the two-wire interface. Data is clocked out of
the device on the SCL falling edge, and clocked in on the SCL rising edge. The SCL
input also incorporates a Schmitt trigger input for improved noise immunity.
WP
Input
Write Protect: When WP is high, addresses in the upper quadrant of the logical
memory map will be write-protected. Write access is permitted to the lower three-
quarters of the address space. When WP is low, all addresses may be written. This pin
is pulled down internally.
VDD
Supply
Supply Voltage: 5V
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com