Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG1 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # TG1
Description  THERMATEL짰THERMALDISPERSION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TG1 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button TG1 Datasheet HTML 4Page - Magnetrol International, Inc. TG1 Datasheet HTML 5Page - Magnetrol International, Inc. TG1 Datasheet HTML 6Page - Magnetrol International, Inc. TG1 Datasheet HTML 7Page - Magnetrol International, Inc. TG1 Datasheet HTML 8Page - Magnetrol International, Inc. TG1 Datasheet HTML 9Page - Magnetrol International, Inc. TG1 Datasheet HTML 10Page - Magnetrol International, Inc. TG1 Datasheet HTML 11Page - Magnetrol International, Inc. TG1 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
THERMATEL Switch Sensors
Twin-Tip Sensor
Spherical-Tip Sensor
High-Temperature Sensor
Low Flow Body Sensor
General Use:
General purpose and corrosive resistant applications
Material Options:
316 stainless steel, Hastelloy C-276, or Monel
Process Connections:
NPT threads, G threads, ANSI flanges, EN/DIN flanges
Max Temperature:
+400° F (+200° C)
Max Pressure:
3,000 psig (207 bar) – 1850 psi (127 bar) extended length
Insertion Lengths:
2 to 130 inches (50 to 3,300 mm)
General Use:
General purpose service and high-viscosity applications
Material:
316 stainless steel
Process Connections:
NPT threads, G threads, ANSI flanges, EN/DIN flanges, hygienic
Max Temperature:
+400° F (+200° C)
Max Pressure:
600 psi (40 bar)
Insertion Lengths:
2 to 130 inches (50 to 3,300 mm)
General Use:
For high-temperature process environments
Material:
316 stainless steel; Hastelloy C-276
Process Connections:
NPT threads, G threads, ANSI flanges, EN/DIN flanges
Max Temperature:
+850° F (+454° C)
Max Pressure:
6,000 psi (413 bar)
Insertion Lengths:
2 to 36 inches (50 to 900 mm)
General Use:
Low flow detection; suitable for chemical
feed pumps, additive flow, pump seals,
process analyzers
Material:
316 stainless steel
Flow Rate:
0.055 to 3 gallons/hour
(0.02 to 11.5 liters/hr.)
Process Connections:
1
4" and 12" NPT, and G threads
Max Temperature:
+400° F (+200° C)
Max Pressure:
5,800 psi (400 bar)
Twin-Tip Sensors are mounted at the end of each tip.
Spherical Sensors are bonded directly to the wall of
the tip for greater sensitivity and sensor protection.
Probe pressure and temperature ratings are dependent
upon process connection; maximum pressure and
temperature ratings are shown below.
Mini Sensor
General Use:
Probes specifically designed to fit into a 12", 34", or 1" Tee
Material:
316 stainless steel
Max Temperature:
+400° F (+200° C)
Max Pressure:
3,000 psig (207 bar) – 1850 psi (127 bar) extended length
Insertion Length:
1 to 130 inches (25 to 3300 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com