Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25CL64B Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM25CL64B
Description  64Kb Serial 3V F-RAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64B Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM25CL64B Datasheet HTML 6Page - Ramtron International Corporation FM25CL64B Datasheet HTML 7Page - Ramtron International Corporation FM25CL64B Datasheet HTML 8Page - Ramtron International Corporation FM25CL64B Datasheet HTML 9Page - Ramtron International Corporation FM25CL64B Datasheet HTML 10Page - Ramtron International Corporation FM25CL64B Datasheet HTML 11Page - Ramtron International Corporation FM25CL64B Datasheet HTML 12Page - Ramtron International Corporation FM25CL64B Datasheet HTML 13Page - Ramtron International Corporation FM25CL64B Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FM25CL64B - 64Kb 3V SPI F-RAM
Rev. 1.2
Feb. 2011
Page 13 of 14
8-pin TDFN (4.0mm x 4.5mm body, 0.95mm pitch)
Pin 1
4.50 ±0.1
0.75 ±0.05
0.40 ±0.05
0.95
0.20 REF.
Pin 1 ID
0.0 - 0.05
2.85 REF
3.60 ±0.10
Exposed metal pad
should be left floating.
4.30
0.45
0.95
Recommended PCB Footprint
0.60
0.30 ±0.1
Note: All dimensions in millimeters. The exposed pad should be left floating.
TDFN Package Marking Scheme for Body Size 4.0mm x 4.5mm
Legend:
R=Ramtron, G=”green” TDFN package, XXXX=base part number
LLLL= lot code
YY=year, WW=work week
Example: “Green”/RoHS TDFN package, FM25L64B, Lot 0003,
Year 2011, Work Week 07
R5L64B
0003
1107
RGXXXX
LLLL
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com