Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25V02 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM25V02
Description  256Kb Serial 3V F-RAM Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V02 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM25V02 Datasheet HTML 9Page - Ramtron International Corporation FM25V02 Datasheet HTML 10Page - Ramtron International Corporation FM25V02 Datasheet HTML 11Page - Ramtron International Corporation FM25V02 Datasheet HTML 12Page - Ramtron International Corporation FM25V02 Datasheet HTML 13Page - Ramtron International Corporation FM25V02 Datasheet HTML 14Page - Ramtron International Corporation FM25V02 Datasheet HTML 15Page - Ramtron International Corporation FM25V02 Datasheet HTML 16Page - Ramtron International Corporation FM25V02 Datasheet HTML 17Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 2.0
May 2010
Page 13 of 17
AC Parameters (TA = -40
°C to + 85°C, CL = 30pF, unless otherwise specified)
VDD 2.0 to 2.7V
VDD 2.7 to 3.6V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
fCK
C Clock Frequency
0
25
0
40
MHz
tCH
Clock High Time
20
11
ns
1
tCL
Clock Low Time
20
11
ns
1
tCSU
Chip Select Setup
12
10
ns
tCSH
Chip Select Hold
12
10
ns
tOD
Output Disable Time
20
12
ns
2
tODV
Output Data Valid Time
18
9
ns
tOH
Output Hold Time
0
0
ns
tD
Deselect Time
60
40
ns
tR
Data In Rise Time
50
50
ns
2,3
tF
Data In Fall Time
50
50
ns
2,3
tSU
Data Setup Time
8
5
ns
tH
Data Hold Time
8
5
ns
tHS
/HOLD Setup Time
12
10
ns
tHH
/HOLD Hold Time
12
10
ns
tHZ
/HOLD Low to Hi-Z
25
20
ns
2
tLZ
/HOLD High to Data Active
25
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2. This parameter is characterized but not 100% tested.
3.
Rise and fall times measured between 10% and 90% of waveform.
Capacitance (TA = 25
° C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output Capacitance (Q)
-
8
pF
1
CI
Input Capacitance
-
6
pF
1
Notes
1. This parameter is characterized and not 100% tested.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
3 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
30 pF
Serial Data Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com