Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM28V020 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM28V020
Description  256Kbit Bytewide F-RAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM28V020 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM28V020 Datasheet HTML 6Page - Ramtron International Corporation FM28V020 Datasheet HTML 7Page - Ramtron International Corporation FM28V020 Datasheet HTML 8Page - Ramtron International Corporation FM28V020 Datasheet HTML 9Page - Ramtron International Corporation FM28V020 Datasheet HTML 10Page - Ramtron International Corporation FM28V020 Datasheet HTML 11Page - Ramtron International Corporation FM28V020 Datasheet HTML 12Page - Ramtron International Corporation FM28V020 Datasheet HTML 13Page - Ramtron International Corporation FM28V020 Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FM28V020 - 32Kx8 F-RAM
Rev. 2.1
June 2011
Page 13 of 14
32-pin Shrunk TSOP-I (8.0 x 13.4 mm)
All dimensions in millimeters
Pin 1
8.00 ±0.10
1.20 max
0.17-0.27
typ
0.50
typ
0.10 mm
0.5-0.7
0.21
0.10
14.20
0.30
0.50
Recommended PCB Footprint
11.80
±
0.10
1.60
13.55
13.30
0.15
0.05
0°-5°
TSOP Package Marking Scheme
Legend:
XXXXXX= part number, P= package/option (TG=TSOP “Green”)
R=rev code, YY=year, WW=work week, LLLLLLL= lot code
Example: FM28V020-TG, “Green” TSOP package,
Rev. A, Year 2010, Work Week 18, Lot 9482296
RAMTRON
FM28V020-TG
A9482296TG
1018
RAMTRON
XXXXXXX-P
RLLLLLLL
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com