Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA3Z07 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # KA3Z07
Description  TSS KA Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

KA3Z07 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  KA3Z07 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd KA3Z07 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd KA3Z07 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd KA3Z07 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd KA3Z07 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd KA3Z07 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
Axial Package
TSS KA Series
KA3Z07
Case : AX06
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~125
℃
Junction Temperature
Tj
125
℃
Maximum Off-State Voltage
VDRM
5V
Surge On-State Current
ITSM
10/1000μs, Non-repetitive
30
A
8/20μs, Non-repetitive
150
●Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Breakdown Voltage
VBR
IBR = 1mA
Min 5.5
V
Off-State Current
IDRM
VD = VDRM
Max 10
μA
Holding Current
IH
Pulse measurement
Min 50
mA
On-State Voltage
VT
IT = 2A
TYP 1.5
V
Junction Capacitance
Cj
f = 1kHz
Max 100
pF
OSC = 20mV, VD = 0V


Similar Part No. - KA3Z07

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KA3Z18 SHINDENGEN-KA3Z18 Datasheet
262Kb / 6P
TSS KA Series
More results

Similar Description - KA3Z07

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KA10R25 SHINDENGEN-KA10R25 Datasheet
126Kb / 1P
TSS KA Series
KA3Z18 SHINDENGEN-KA3Z18 Datasheet
262Kb / 6P
TSS KA Series
KL3L07 SHINDENGEN-KL3L07 Datasheet
122Kb / 1P
TSS KL Series
KP10R25 SHINDENGEN-KP10R25 Datasheet
255Kb / 6P
TSS KP Series
KP4L07 SHINDENGEN-KP4L07 Datasheet
251Kb / 6P
TSS KP Series
KP8LU07 SHINDENGEN-KP8LU07 Datasheet
123Kb / 1P
TSS KP Series
KT10L08 SHINDENGEN-KT10L08 Datasheet
265Kb / 6P
TSS KT Series
KU5N12 SHINDENGEN-KU5N12 Datasheet
263Kb / 6P
TSS KU Series
KL3Z18 SHINDENGEN-KL3Z18_17 Datasheet
330Kb / 4P
TSS KL SERIES
KU10L08 SHINDENGEN-KU10L08_17 Datasheet
312Kb / 4P
TSS KL SERIES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com