Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM31T372 Datasheet(PDF) 21 Page - Ramtron International Corporation

Part # FM31T372
Description  System Supervisor & Temperature Compensated RTC(TCXO) with Embedded Crystal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31T372 Datasheet(HTML) 21 Page - Ramtron International Corporation

Back Button FM31T372 Datasheet HTML 17Page - Ramtron International Corporation FM31T372 Datasheet HTML 18Page - Ramtron International Corporation FM31T372 Datasheet HTML 19Page - Ramtron International Corporation FM31T372 Datasheet HTML 20Page - Ramtron International Corporation FM31T372 Datasheet HTML 21Page - Ramtron International Corporation FM31T372 Datasheet HTML 22Page - Ramtron International Corporation FM31T372 Datasheet HTML 23Page - Ramtron International Corporation FM31T372 Datasheet HTML 24Page - Ramtron International Corporation FM31T372 Datasheet HTML 25Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
FM31T372/374/376/378-G
Rev. 1.1
Apr. 2011
Page 21 of 26
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +7.0V and
VIN ≤ VDD+1.0V *
VBAK
Backup Supply Voltage
-1.0V to +4.5V
TSTG
Storage Temperature
-55C to + 125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model
(AEC-Q100-002 Rev. E)
- Charged Device Model
(AEC-Q100-011 Rev. B)
- Machine Model
(AEC-Q100-003 Rev. E)
2kV
1.25kV
100V
Package Moisture Sensitivity Level
MSL-1
* The “VIN < VDD+1.0V” restriction does not apply to the SCL and SDA inputs which do not employ a diode to VDD.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only,
and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.7V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
2.7
5.5
V
7
IDD
VDD Supply Current
@ SCL = 100 kHz
@ SCL = 400 kHz
@ SCL = 1 MHz
500
900
1500
A
A
A
1
ISB
Standby Current
For VDD < 5.5V
For VDD < 3.6V
150
120
A
A
2
VBAK
RTC Backup Supply Voltage
@ TA = +25ºC to +85ºC
@ TA = -40ºC to +25ºC
1.55
1.9
3.75
3.75
V
V
V
9
IBAK
RTC Backup Supply Current
@ TA = +25ºC, VBAK = 3.0V
@ TA = +85ºC, VBAK = 3.0V
@ TA = +25ºC, VBAK = 2.0V
@ TA = +85ºC, VBAK = 2.0V
1.4
2.1
1.15
1.75
A
A
A
A
4
IBAKTC
Trickle Charge Current with VBAK=0V
Fast Charge Off (FC = 0)
Fast Charge On (FC = 1)
50
200
120
2500
A
A
10
VTP0
VDD Trip Point Voltage, VTP(1:0) = 00b
2.55
2.6
2.70
V
5
VTP1
VDD Trip Point Voltage, VTP(1:0) = 01b
2.80
2.9
3.00
V
5
VTP2
VDD Trip Point Voltage, VTP(1:0) = 10b
3.80
3.9
4.00
V
5
VTP3
VDD Trip Point Voltage, VTP(1:0) = 11b
4.25
4.4
4.50
V
5
VRST
VDD for valid /RST @ IOL = 80 A at VOL
VBAK > VBAK min
VBAK < VBAK min
0
1.6
V
V
6
ILI
Input Leakage Current
1
A
3
ILO
Output Leakage Current
1
A
3
VIL
Input Low Voltage
All inputs except those listed below
CNT1-2 battery backed (VDD < 2.4V)
CNT1-2 (VDD > 2.4V)
-0.3
-0.3
-0.3
0.3 VDD
0.5
0.8
V
V
V
8
continued
»



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com