Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

534 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 534
Description  7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

534 Datasheet(HTML) 2 Page - Vishay Siliconix

  534 Datasheet HTML 1Page - Vishay Siliconix 534 Datasheet HTML 2Page - Vishay Siliconix 534 Datasheet HTML 3Page - Vishay Siliconix 534 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 533, 534, 535
Vishay Spectrol
7/8" (22.2 mm) Multiturn Wirewound
533: 3 Turns/534: 10 Turns/535: 5 Turns
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57065
124
Revision: 06-Apr-10
SINGLE SECTION DIMENSIONS in inches (millimeters)
Mounting hardware, washer and panel nut, nickel plated
POWER RATING CHART
MECHANICAL SPECIFICATIONS
PARAMETER
Bearing Type
Bushing: Sleeve bearing
Servo: Ball bearing
Torque (Maximums): Starting
Section 1
Section 2
534
0.5 oz. - in (36 g - cm)
0.9 oz. - in (65 g - cm)
533/535
0.7 oz. - in (50 g - cm)
1.1 oz. - in (79 g - cm)
Torque (Maximums): Running
Section 1
Section 2
534
0.4 oz. - in (28.80 g - cm)
0.7 oz. - in (50.40 g - cm)
533/535
0.6 oz. - in (43.20 g - cm)
0.9 oz. - in (64.8 g - cm)
Weight (Maximums)
Section1
Section 2
0.75 oz. (21.26 g)
1.25 oz. (35.44 g)
Stop Strength
75 oz. - in (static) (5.4 kg - cm)
Ganging
2 sections maximum
2
1
3
CW
SCHEMATIC
0.750 (19.05)
± 0.015
0.312 (7.92)
± 0.015
0.062 (1.57)
0.200 MIN. (5.08)
Ø 0.875
(22.22)
± 0.015
0.030 MAX. (0.76)
0.812 (20.62)
± 0.031
Ø 0.2497 (6.34)
+ 0.0000
- 0.0003
0.032 x 0.032
(0.81) x (0.81) DP
± 0.010
3/
8 - 32UNEF - 2A
Ø 0.4062
(10.32)
+ 0.0000
- 0.0020
9 mm x 0.75 P
Ø 6.00 mm
1
2
3
SCREWDRIVER SLOT
+ 0.000
- 0.0003
0.850 (21.59)± 0.015
0.375 (9.52)
± 0.031
0.062 (1.57)
Ø 0.7500 (19.05)
+ 0.0000
- 0.0005
Ø 0.875 (22.22)
Ø 0.1248 (3.17) + 0.0000
- 0.0003
0.057 (1.45) MIN.
0.300 (7.62) MIN.
Ø 0.750 (19.05) MAX.
Ø 0.875
(22.22)
± 0.015
2
1
0.062 (1.57)
30°
TYP.
R 0.625 MAX.
(15.88)
BUSHING
MOUNT MODEL:
534B
SERVO
MOUNT MODEL:
534S
METRIC SHAFT: 534B...8872
3
020
40
60
80
100
120
140
160
0
1
2
3
4
534
535
533
AMBIENT TEMPERATURE IN °C
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Rotational Life (Shaft Revolution)
533
534
534 (Servo)
535
300 000
1 000 000
> 1 000 000
500 000
Load Life
900 h
Temperature Range
- 55 °C to + 125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com