Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM3130 Datasheet(PDF) 21 Page - Ramtron International Corporation

Part # FM3130
Description  Integrated RTC/Alarm and 64Kb F-RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130 Datasheet(HTML) 21 Page - Ramtron International Corporation

Back Button FM3130 Datasheet HTML 14Page - Ramtron International Corporation FM3130 Datasheet HTML 15Page - Ramtron International Corporation FM3130 Datasheet HTML 16Page - Ramtron International Corporation FM3130 Datasheet HTML 17Page - Ramtron International Corporation FM3130 Datasheet HTML 18Page - Ramtron International Corporation FM3130 Datasheet HTML 19Page - Ramtron International Corporation FM3130 Datasheet HTML 20Page - Ramtron International Corporation FM3130 Datasheet HTML 21Page - Ramtron International Corporation FM3130 Datasheet HTML 22Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 3.2
Sept. 2011
Page 21 of 22
8-pin TDFN (3.0 mm x 6.4 mm body, 0.65mm pitch)
Pin 1
3.00 ±0.1
0.75 ±0.05
0.25 ±0.05
0.65
0.20 REF.
Pin 1 ID
0.0 - 0.05
Exposed
metal pad.
Do not
connect to
anything,
except Vss.
6.70
0.30
0.65
Recommended PCB Footprint
0.40 ±0.1
0.60
3.10
1.10
1.00 ±0.10
1.95 REF
Note: All dimensions in millimeters. This package is footprint compatible with the 8-pin TSSOP,
however care must be taken to ensure PCB traces and vias are not placed within the exposed metal
pad area.
TDFN Package Marking Scheme for Body Size 3mm x 6.4mm
Legend:
R=Ramtron Int‟l Corp, G=”green” TDFN package
XXXX=base part number
LLLL= lot code
YY=year, WW=work week
Example: “Green” TDFN package, FM3130, Lot 0003, Year 2006, Work Week 33
RG
3130
0003
0633
RG
XXXX
LLLL
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com