Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

600D158F010DX4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 600D158F010DX4
Description  Aluminum Capacitors Miniature, Axial Lead, High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

600D158F010DX4 Datasheet(HTML) 5 Page - Vishay Siliconix

  600D158F010DX4 Datasheet HTML 1Page - Vishay Siliconix 600D158F010DX4 Datasheet HTML 2Page - Vishay Siliconix 600D158F010DX4 Datasheet HTML 3Page - Vishay Siliconix 600D158F010DX4 Datasheet HTML 4Page - Vishay Siliconix 600D158F010DX4 Datasheet HTML 5Page - Vishay Siliconix 600D158F010DX4 Datasheet HTML 6Page - Vishay Siliconix 600D158F010DX4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 42047
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 31-Aug-11
5
600D
Aluminum Capacitors
Miniature, Axial Lead, High Reliability
Vishay Sprague
ELECTRICAL DATA AND ORDERING INFORMATION - original ratings (1)
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
7 WVDC AT + 85 °C . . . 5 WVDC AT + 125 °C
220
DD
600D227G007DD4
270
DE
600D277G007DE4
390
DG
600D397G007DG4
560
DJ
600D567G007DJ4
820
DL
600D827G007DL4
1000
DX
600D108G007DX4
10 WVDC AT + 85 °C . . . 7 WVDC AT + 125 °C
100
KD
600D107G010KD4
180
DD
600D187G010DD4
220
DE
600D227G010DE4
330
DG
600D337G010DG4
470
DJ
600D477G010DJ4
680
DL
600D687G010DL4
820
DX
600D827G010DX4
15 WVDC AT + 85 °C . . . 10 WVDC AT + 125 °C
68
KD
600D686G015KD4
82
KD
600D826G015KD4
150
DD
600D157G015DD4
180
DE
600D187G015DE4
270
DG
600D277G015DG4
390
DJ
600D397G015DJ4
560
DL
600D567G015DL4
680
DX
600D687G015DX4
20 WVDC AT + 85 °C . . . 15 WVDC AT + 125 °C
68
KD
600D686G020KD4
100
DD
600D107G020DD4
220
DG
600D227G020DG4
30 WVDC AT + 85 °C . . . 20 WVDC AT + 125 °C
33
KD
600D336G030KD4
47
KD
600D476G030KD4
82
DD
600D826G030DD4
100
DE
600D107G030DE4
120
DG
600D127G030DG4
150
DG
600D157G030DG4
220
DJ
600D227G030DJ4
330
DL
600D337G030DL4
390
DX
600D397G030DX4
40 WVDC AT + 85 °C . . . 30 WVDC AT + 125 °C
50
DD
600D506G040DD4
70
DE
600D706G040DE4
100
DG
600D107G040DG4
140
DJ
600D147G040DJ4
210
DL
600D217G040DL4
50 WVDC AT + 85 °C . . . 40 WVDC AT + 125 °C
22
KD
600D226G050KD4
33
DD
600D336G050DD4
47
DE
600D476G050DE4
56
DG
600D566G050DG4
68
DG
600D686G050DG4
100
DJ
600D107G050DJ4
150
DL
600D157G050DL4
Note
(1) Type 600D original ratings are recommended for replacement applications only.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com