Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM33256 Datasheet(PDF) 21 Page - Ramtron International Corporation

Part # FM33256
Description  3V Integrated Processor Companion with Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM33256 Datasheet(HTML) 21 Page - Ramtron International Corporation

Back Button FM33256 Datasheet HTML 17Page - Ramtron International Corporation FM33256 Datasheet HTML 18Page - Ramtron International Corporation FM33256 Datasheet HTML 19Page - Ramtron International Corporation FM33256 Datasheet HTML 20Page - Ramtron International Corporation FM33256 Datasheet HTML 21Page - Ramtron International Corporation FM33256 Datasheet HTML 22Page - Ramtron International Corporation FM33256 Datasheet HTML 23Page - Ramtron International Corporation FM33256 Datasheet HTML 24Page - Ramtron International Corporation FM33256 Datasheet HTML 25Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
FM33256/FM3316 SPI Companion w/ FRAM
Rev. 2.0
Feb. 2009
Page 21 of 28
Figure 18. Processor Companion Write
Status Register & Write Protection
The write protection features of the FM33xx are
multi-tiered. To write the memory, a WREN op-code
must first be issued, followed by a WRITE op-code.
A Status Register associated with the memory has a
write enable latch bit (WEL) that is internally set
when WREN is issued.
Writes to certain memory blocks are controlled by
the Block Protect bits in the Status Register. The BP
bits may be changed by using the WRSR command.
The Status Register is organized as follows.
Table 5. Status Register
Bit
7
6
5
4
3
2
1
0
Name
0
1
0
0
BP1
BP0
WEL
0
Bits 7, 5, 4, and 0 are fixed at 0, bit 6 is fixed at 1,
and none of these bits can be modified. Note that bit
0 (Ready in EEPROMs) is unnecessary as the F-
RAM writes in real-time and is never busy. The BP1
and BP0 control software write-protection features.
They are nonvolatile (shaded yellow). The WEL flag
indicates the state of the Write Enable Latch.
Attempting to directly write the WEL bit in the Status
Register has no effect on its state, since this bit is
internally set and cleared via the WREN and WRDI
commands, respectively. BP1 and BP0 are memory
block write protection bits. They specify portions of
memory that are write-protected as shown in the
following table.
Table 6. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
Upper ¼
1
0
Upper ½
1
1
All
The BP1 and BP0 bits and the Write Enable Latch
are the only mechanisms that protect the memory
from writes.
Memory Operation
The SPI interface, which is capable of a relatively
high clock frequency, highlights the fast write
capability of the F-RAM technology. Unlike SPI-bus
EEPROMs, the FM33xx can perform sequential
writes at bus speed. No page register is needed and
any number of sequential writes may be performed.
Write Operation
All writes to the memory begin with a WREN op-
code with /CS being asserted and deasserted. The
next op-code is a WRITE. The WRITE op-code is
followed by a two-byte address value. Table 7 shows
the addressing scheme for each density. This is the
starting address of the first data byte of the write
operation. Subsequent bytes are data bytes, which are
written sequentially. Addresses are incremented
internally as long as the bus master continues to issue
clocks and keeps /CS low. A write operation will be
terminated when a write-protected address is directly
accessed
or
when
the
device
has
internally
incremented the address into a write-protected space.
If the last address is reached (e.g. 7FFFh on the
FM33256), the counter will roll over to 0000h. Data
is written MSB first. The rising edge of /CS
terminates a WRITE operation. A write operation is
shown in Figure 19. Note: Although the WREN op-
code is not shown in the timing diagram, it is
required prior to sending the WRITE command.
EEPROMs use page buffers to increase their write
throughput. This compensates for the technology’s
inherently slow write operations. F-RAM memories
do not have page buffers because each byte is written
to the F-RAM array immediately after it is clocked in
(after the 8
th clock). This allows any number of bytes
to be written without page buffer delays.
Read Operation
After the falling edge of /CS, the bus master can issue
a READ op-code. Following the READ command is
a two-byte address value. Table 7 shows the
addressing scheme for each density. This is the
starting address of the first byte of the read operation.
01
2
3
4
56701
2
3
4
5
01234567
op-code
0
0
0
1
0
0
1
0
MSB
Register Address
7
6
5
4
3
2
CS
SCK
SI
SO
1
6
0
7
LSB MSB
LSB
Data
7
6
5
4
3
21
0
0
7
Hi-Z
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com