Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2124 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2124
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2124 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2124 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2124
No.7920-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--30V, IE=0A
--0.1
μA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--0.1
μA
DC Current Gain
hFE(1)
VCE=--2V, IC=--100mA
200
560
hFE(2)
VCE=--2V, IC=--1.5A
65
Gain-Bandwidth Product
fT
VCE=--10V, IC=--300mA
440
MHz
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1.5A, IB=--75mA
--0.2
--0.4
V
Base-to-Emitterr Saturation Voltage
VBE(sat)
IC=--1.5V, IB=--75mA
--0.95
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--6
V
Output Capacitance
Cob
VCB=--10V, f=1MHz
17
pF
Turn-On Time
ton
See specified Test Circuit.
45
ns
Storage Time
tstg
See specified Test Circuit.
200
ns
Fall Time
tf
See specified Test Circuit.
23
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007B-004
VR
RB
VCC= --12V
VBE=5V
+
+
50Ω
INPUT
OUTPUT
RL
220μF
470μF
PW=20μs
IB1
D.C.≤1%
IC
IB2
IC= --20IB1=20IB2= --0.5A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com