Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3BJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AS3BJ
Description  Avalanche Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS3BJ Datasheet(HTML) 1 Page - Vishay Siliconix

  AS3BJ Datasheet HTML 1Page - Vishay Siliconix AS3BJ Datasheet HTML 2Page - Vishay Siliconix AS3BJ Datasheet HTML 3Page - Vishay Siliconix AS3BJ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 89377
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Avalanche Surface Mount Rectifiers
AS3BJ
Vishay General Semiconductor
TYPICAL APPLICATIONS
For
use
in
general
purpose
rectification
of
power
supplies, inverters, converters, and freewheeling diodes for
consumer, automotive, and telecommunication.
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Controlled avalanche characteristics
• Low leakage current
• High forward surge capability
• AEC-Q101 qualified
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Mounted on 14 mm x 14 mm x 2 areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended 1.52 mm x 2.18 mm x 2 pad areas
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
600 V
IFSM
90 A
EAS
20 mJ
VF at IF = 3.0 A (TA = 125 °C)
0.86 V
TJ max.
175 °C
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AS3BJ
UNIT
Device marking code
A3J
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum DC forward current (fig. 1)
IF (1)
3.0
A
IF (2)
2.0
Peak forward surge current 10 ms single half sine-wave,
non-repetitive, TJ = 25 °C
IFSM
90
A
Non-repetitive avalanche energy at TJ = 25 °C
IAS = 2.0 A max.
EAS
20
mJ
IAS = 1.0 A typ.
30
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - AS3BJ

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
AS3BJ SUNMATE-AS3BJ Datasheet
503Kb / 2P
AVALANCHE SURFACE MOUNT RECTIFIER DIODES
logo
Vishay Siliconix
AS3BJ VISHAY-AS3BJ Datasheet
99Kb / 4P
Avalanche Surface Mount Rectifiers
01-Dec-16
AS3BJ VISHAY-AS3BJ Datasheet
100Kb / 4P
Standard Avalanche Surface-Mount Rectifiers
20-Feb-2020
AS3BJ-M3/52T VISHAY-AS3BJ-M3/52T Datasheet
99Kb / 4P
Avalanche Surface Mount Rectifiers
01-Dec-16
AS3BJ-M3/5BT VISHAY-AS3BJ-M3/5BT Datasheet
99Kb / 4P
Avalanche Surface Mount Rectifiers
01-Dec-16
More results

Similar Description - AS3BJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR1PD VISHAY-AR1PD Datasheet
91Kb / 5P
Surface Mount Fast Avalanche Rectifiers
19-Apr-11
AU2PD VISHAY-AU2PD Datasheet
92Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
04-May-11
AU2PK VISHAY-AU2PK Datasheet
92Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
04-May-11
AU3PD VISHAY-AU3PD_12 Datasheet
94Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
04-May-11
AU1PM VISHAY-AU1PM_15 Datasheet
99Kb / 6P
Surface Mount Ultrafast Avalanche Rectifiers
19-Feb-15
AS3BD VISHAY-AS3BD Datasheet
99Kb / 4P
Avalanche Surface Mount Rectifiers
01-Dec-16
AS1FD VISHAY-AS1FD Datasheet
114Kb / 5P
Standard Avalanche Surface-Mount Rectifiers
30-Sep-2020
AU2PK VISHAY-AU2PK_V01 Datasheet
101Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
01-Apr-2020
AU3PK VISHAY-AU3PK_V01 Datasheet
100Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
01-Apr-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com