Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LA78040B Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 3LA78040B
Description  The Vertical Deflection Output IC With Bus Control Support for TVs and CRT Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LA78040B Datasheet(HTML) 2 Page - Sanyo Semicon Device

  3LA78040B Datasheet HTML 1Page - Sanyo Semicon Device 3LA78040B Datasheet HTML 2Page - Sanyo Semicon Device 3LA78040B Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA78040B
No.A0980-2/3
Operating Condtions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
+B2
24
V
Operating supply voltage range
+B2 op
16 to 33
V
Deflection output current
I5p-p
to 1.8
Ap-p
Operating Characteristics at Ta = 25
°C, +B2 = 24V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Deflection output saturation
voltage (lower)
Vsat5-4
I5 = 0.9A
1.3
V
Deflection output saturation
voltage (upper)
Vsat6-5
I5 = -0.9A
3.2
V
Pump-up charge saturation
voltage
Vsat3-4
I3 = 20mA
1.8
V
Pump-up discharge saturation
voltage
Vsat2-3
I3 = -0.9A
3.0
V
Idling current
Idl
20
50
mA
Midpoint voltage
Vmid
11.0
12.0
13.0
V
Note: Current flowing into the IC is positive (+) and current flowing out is negative (-).
Package Dimensions
Pin Connections and
unit : mm (typ)
Functional Block Diagram
3286
SANYO : 220-7H
10.0
10.4 max
3.6
0.7
1.27
0.6
0.45
3.15
8.23
4.5
1.3
1
2
3
4
5
6
7
Pump
Up
+
-
AMP
Thermal
Protection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com