Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS700 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # LCS700
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button LCS700 Datasheet HTML 18Page - Power Integrations, Inc. LCS700 Datasheet HTML 19Page - Power Integrations, Inc. LCS700 Datasheet HTML 20Page - Power Integrations, Inc. LCS700 Datasheet HTML 21Page - Power Integrations, Inc. LCS700 Datasheet HTML 22Page - Power Integrations, Inc. LCS700 Datasheet HTML 23Page - Power Integrations, Inc. LCS700 Datasheet HTML 24Page - Power Integrations, Inc. LCS700 Datasheet HTML 25Page - Power Integrations, Inc. LCS700 Datasheet HTML 26Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Rev. B 062011
23
LCS700-708
www.powerint.com
400
500
300
20
100
0
600
700
800
0
100
300
400
900
Frequency (kHz)
200
600
500
700
800
LCS700
LCS701
LCS702
LCS703
LCS705
LCS708
200
250
150
100
50
0
300
350
400
0
200
400
800
1000
1200
Half-Bridge Voltage (V)
600
LCS700
LCS701
LCS702
LCS703
LCS705
LCS708
400
500
300
20
100
0
600
700
800
0
2
6
8
16
18
Frequency (kHz)
4
10
12
14
LCS700
LCS701
LCS702
LCS703
LCS705
LCS708
400
500
300
20
100
0
600
700
800
0
2
6
8
16
Frequency (kHz)
4
10
12
14
LCS700
LCS701
LCS702
LCS703
LCS705
LCS708
Figure 27. V
CC Current vs. Frequency.
Figure 29. Control Power vs. Frequency.
Figure 28. V
CCH Current vs. Frequency.
Figure 30. Half-Bridge Small Signal Capacitance vs. Half-Bridge Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com