Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LP01C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 3LP01C
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  3LP01C_09 Datasheet HTML 1Page - Sanyo Semicon Device 3LP01C_09 Datasheet HTML 2Page - Sanyo Semicon Device 3LP01C_09 Datasheet HTML 3Page - Sanyo Semicon Device 3LP01C_09 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3LP01C
No.6645-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
7.5
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
5.7
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
1.8
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
24
ns
Rise Time
tr
See specified Test Circuit.
55
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
120
ns
Fall Time
tf
See specified Test Circuit.
130
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--100mA
1.43
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--100mA
0.18
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--100mA
0.25
nC
Diode Forward Voltage
VSD
IS=--100mA, VGS=0V
--0.83
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7013A-013
1 : Gate
2 : Source
3 : Drain
SANYO : CP
12
3
2.9
0.95
0.4
0.1
PW=10μs
D.C.≤1%
0V
--4V
VIN
P.G
50Ω
G
D
ID= --50mA
RL=300Ω
VDD= --15V
VOUT
3LP01C
S
VIN
0
0
--0.01
--0.02
--0.03
--0.04
--0.06
--0.07
--0.08
--0.09
--0.10
--0.4
--0.05
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
ID -- VDS
VGS= --1.5V
--3.5V
--2.0V
--2.5V
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--4.0
--3.5
0
--0.02
--0.04
--0.06
--0.08
--0.10
--0.12
--0.14
--0.16
--0.18
--0.20
ID -- VGS
VDS= --10V
IT00077
IT00078
25
°C
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com