Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS705HG Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # LCS705HG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705HG Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button LCS705HG Datasheet HTML 17Page - Power Integrations, Inc. LCS705HG Datasheet HTML 18Page - Power Integrations, Inc. LCS705HG Datasheet HTML 19Page - Power Integrations, Inc. LCS705HG Datasheet HTML 20Page - Power Integrations, Inc. LCS705HG Datasheet HTML 21Page - Power Integrations, Inc. LCS705HG Datasheet HTML 22Page - Power Integrations, Inc. LCS705HG Datasheet HTML 23Page - Power Integrations, Inc. LCS705HG Datasheet HTML 24Page - Power Integrations, Inc. LCS705HG Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Rev. B 062011
21
LCS700-708
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
V
CC = 12 V, VCCH = 12 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
VCCH Supply Undervoltage Lockout
VCCH Start Threshold
V
UVLO(H+)
Driver exits UVLO state when V
CCH exceeds
UVLOH+
8.2
8.5
8.9
V
VCCH Shutdown
Threshold
V
UVLO(H-)
Driver enters UVLO state when V
CCH falls
below UVLOH-
7.4
7.5
8.1
V
VCCH Start-Up/
Shutdown Hysteresis
V
UVLO(H)HYST
0.65
0.75
1.00
V
High-Voltage Supply Undervoltage/Overvoltage Enable
OV/UV Overvoltage
Shutdown Threshold
V
OV(H)
Overvoltage assertion threshold
129
131
133
% of
V
SD(H)
OV/UV Overvoltage
Recovery Threshold
V
OV(L)
Overvoltage de-assertion threshold
124
126
128
% of
V
SD(H)
OV/UV Undervoltage
Start Threshold
V
SD(H)
Undervoltage de-assertion threshold
2.35
2.40
2.45
V
OV/UV Undervoltage
Shutdown Threshold
V
SD(L)
Undervoltage assertion threshold
77
79
81
% of
V
SD(H)
OV/UV Pin
Input Resistance
R
IN(OVUV)
OV/UV pin resistance to G
3.0
5.0
6.6
MW
Reference
Reference Voltage
V
REF
I
REF = 4 mA
3.25
3.40
3.50
V
Current Source
Capability of VREF Pin
I
REF
4
mA
V
REF Capacitance
C
REF
Required external coupling on VREF pin
1
mF
LLC Oscillator
Frequency Range
F
RANGE
25
1000
kHz
Accuracy of Minimum
Frequency Limit
F
MIN(ACC)
R
FB = 37.9 kW to VREF , 180 kHz
-5.0
5.0
%
F
MIN(ACL)
R
FB = 154 kW to VREF , 50 kHz
-7.5
7.5
Accuracy of Maximum
Frequency Limit
F
MAX(ACC)
I
FB = IDT/BF, RFMAX = 12.5 kW,
F
MAX = 510 kHz
-7.5
7.5
%
Duty Balance
D
LLC
Duty symmetry of the half-bridge wave-
form, C
FB = 4.7 nF, CDT/BF = 4.7 nF, 250 kHz.
Use recommended layout
49
51
%
Dead-TimeB
t
D
R
FMAX = 7 kW, RBURST = 39.6 kW
330
ns
DT/BF Control
Current Range
I
DT/BF
30
430
mA
I
FB Threshold to Stop
LLC Switching
I
STOP1
Threshold applies after exiting soft-start
mode for burst setting BT1
49.8
% of I
DT/BF
I
STOP2
Threshold applies after exiting soft-start
mode for burst setting BT2
43.9
I
STOP3
Threshold applies after exiting soft-start
mode for burst setting BT3
37.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com