Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP8LU07 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # KP8LU07
Description  TSS KP Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

KP8LU07 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  KP8LU07 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
SMD
TSS KP Series
KP8LU07
Case : 2F
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~125
℃
Junction Temperature
Tj
125
℃
Maximum Off-State Voltage
VDRM
58
V
Surge On-State Current
ITSM
10/1000μs, Non-repetitive
80
A
8/20μs, Non-repetitive
200
Surge On-State Current
IFSM
10/1000μs, Non-repetitive
80
●Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Breakdown Voltage
VBR
IBR=1mA
Min 65
V
Off-State Current
IDRM
VD = VDRM
Max 10
μA
Holding Current
IH
Pulse measurement
Min 100
mA
On-State Voltage
VT
IT = 2A
TYP 2.0
V
Forward Voltage
VF
IF = 2A
TYP 1.25
V
Junction Capacitance
Cj
f = 1kHz
Max 100
pF
OSC = 20mV, VD = 50V
Clamping Voltage
VCL
dv/dt = 100V/μs
Max 80
V


Similar Part No. - KP8LU07

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
KP800A HUAJING-KP800A Datasheet
262Kb / 3P
Phase Control Thyristor
logo
Shenzhen Luguang Electr...
KP800A LUGUANG-KP800A Datasheet
3Mb / 4P
Phase control thyristor
logo
List of Unclassifed Man...
KP823C03 ETC2-KP823C03 Datasheet
76Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Fuji Electric
KP823C03 FUJI-KP823C03 Datasheet
79Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Inchange Semiconductor ...
KP823C03 ISC-KP823C03 Datasheet
264Kb / 2P
Schotty Barrier Diode
More results

Similar Description - KP8LU07

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KP10L06 SHINDENGEN-KP10L06 Datasheet
123Kb / 1P
TSS KP Series
KP10L07 SHINDENGEN-KP10L07 Datasheet
260Kb / 6P
TSS KP Series
KP10LU07 SHINDENGEN-KP10LU07 Datasheet
288Kb / 7P
TSS KP Series
KP10N14 SHINDENGEN-KP10N14 Datasheet
263Kb / 6P
TSS KP Series
KP10R25 SHINDENGEN-KP10R25 Datasheet
255Kb / 6P
TSS KP Series
KP15L08 SHINDENGEN-KP15L08 Datasheet
124Kb / 1P
TSS KP Series
KP15N14 SHINDENGEN-KP15N14 Datasheet
220Kb / 4P
TSS KP Series
KP15R25 SHINDENGEN-KP15R25 Datasheet
253Kb / 6P
TSS KP Series
KP4L07 SHINDENGEN-KP4L07 Datasheet
251Kb / 6P
TSS KP Series
KP4N12 SHINDENGEN-KP4N12 Datasheet
261Kb / 6P
TSS KP Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com