Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD250 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBD250
Description  25.0A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBD250 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBD250_10 Datasheet HTML 1Page - Sanyo Semicon Device DBD250_10 Datasheet HTML 2Page - Sanyo Semicon Device DBD250_10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBD250
No. A1204-2/3
Number of Cycles, n
IFSM -- n
Forward Voltage, VF -- V
IF -- VF
Ambient Temperature, Ta --
°C
IO -- Ta
0.4
0.6
0.7
0.5
0.8
0.9
1.0
1.1
1.2
1.3
1.4
100
200
250
150
400
300
350
1.0
10
5
7
2
3
2
5
3
IT13662
IT13663
1.0
10
25
37
2
5
37
100
50Hz
Ta=25
°C
0
20
40
60
80
100
120
140
160
0
8
4
16
12
24
28
20
32
IT13664
With heatsink
Resistive,
inductive
load
Capacitive
load
Without heatsink
Resistive,
inductive
load
Capacitive
load
With 300
✕300✕3mm3 Cu fin
Package Dimensions
unit : mm (typ)
7812-001
3.4
32.0 MAX
2.5 MIN
7.95
23.0 MAX
11.0
10.0
9
1.5
14.4
1.65
2.4
4.9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com