Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF20 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBF20
Description  2.0A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF20 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBF20 Datasheet HTML 1Page - Sanyo Semicon Device DBF20 Datasheet HTML 2Page - Sanyo Semicon Device DBF20 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBF20
No.2817-2/3
Number of Cycles at 50Hz, n
IFSM -- n
Average Rectified Current, IO -- A
PF -- IO
0
20
40
60
80
100
120
140
160
0
0.4
0.8
1.2
1.6
2.4
2.0
0.4
0.8
1.2
1.6
2.4
2.0
0
0.4
0.8
1.2
1.6
0
10
20
40
30
50
80
70
60
Ambient Temperature, Ta --
°C
IO -- Ta
0.1
1.0
10
5
7
2
3
5
7
2
3
0
4.0
2.5
2.0
3.5
3.0
1.5
1.0
0.5
Forward Voltage, VF -- V
IF -- VF
ID01213
ID01215
ID01214
ID01210
1.0
10
25
37
100
25
3
7
0
0.5
2.0
1.5
1.0
2.5
3.0
Resisti
ve,
inducti
ve load
Capaciti
ve load
50Hz
0
20
40
60
80
100
120
140
160
0
Ambient Temperature, Ta --
°C
IO -- Ta
ID01211
Resisti
ve,
inducti
ve
load
Fin : 50!50!1.5mm3
Mounted on a PCB
90
100
110
120
130
140
150
160
170
0
0.4
0.8
1.2
1.6
2.4
2.0
Case Temperature, Tc --
°C
IO -- Tc
ID01212
Capaciti
ve load
180
°
360
°
PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com