Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF150 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBF150
Description  15A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF150 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBF150_10 Datasheet HTML 1Page - Sanyo Semicon Device DBF150_10 Datasheet HTML 2Page - Sanyo Semicon Device DBF150_10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBF150
No.6566-2/3
0.1
0.2
0.4
0.6
0
1.0
10
7
5
3
2
5
3
2
7
5
3
2
1.4
0.8
1.0
1.2
Forward Voltage, VF -- V
IF -- VF
IT02095
20
40
60
80
120
140
100
0
0.8
1.6
2.4
3.2
160
Ambient Temperature, Ta --
°C
IO -- Ta
IT02096
Resisti
ve
load
4
8
12
16
24
20
0
10
0
20
30
40
50
60
Average Rectified Current, IO -- A
PF -- IO
IT02098
90
100
110
120
140
150
130
80
5
0
10
15
20
160
Case Temperature, Tc --
°C
IO -- Tc
IT02097
23
1.0
10
100
80
120
160
200
240
40
0
7
52
3
7
5
Number of Consecutive Applied Cycles at 50Hz, n
IFSM -- n
IT02099
Sine
w
av
e
50Hz
Resisti
ve
load
PCB
Tc
Tc
Fin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com