Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCB010 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DCB010
Description  Very High-Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DCB010 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DCB010_09 Datasheet HTML 1Page - Sanyo Semicon Device DCB010_09 Datasheet HTML 2Page - Sanyo Semicon Device DCB010_09 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DCB010
No.1895-2/3
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Interterminal Capacitance
C
VR=0V, f=1MHz
3.0
pF
Reverse Recovery Time
trr
IF=10mA, VR=6V, RL=50Ω, Irr=0.1Irp
4.0
ns
Package Dimensions
Electrical Connection
unit : mm (typ)
7013A-006
Reverse Recovery Time Test Circuit
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
12
3
2.9
0.95
0.4
0.1
1 : Anode
2 : Anode
3 : Cathode
Top view
3
2
1
DUT
50Ω
0.01μF
2kΩ
50Ω
50ns
--6V
0
IF=10mA
0.1Irp
trr
Irp
Reverse Voltage, VR -- V
IR -- VR
Forward Voltage, VF -- V
IF -- VF
IT02037
IT02038
2
5
10--2
10--1
2
5
1.0
10
2
5
2
5
102
2
5
103
0
0.2
0.4
0.6
0.8
1.0
1.2
2
5
10--3
10--2
2
5
10--1
2
5
2
5
10
1.0
0
204060
80
100
Ta=100°C
75°C
50°C
25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com