Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF10T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DSF10T
Description  1.0A Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DSF10T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DSF10T_08 Datasheet HTML 1Page - Sanyo Semicon Device DSF10T_08 Datasheet HTML 2Page - Sanyo Semicon Device DSF10T_08 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DSF10T
No.2523-2/3
Package Dimensions
unit : mm (typ)
1004B
2.7
0.6
Cathode mark
Number of Cycles at 50Hz, n
IFSM -- n
Forward Voltage, VF -- V
IF -- VF
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
60
30
40
50
0.1
1.0
10
5
7
5
7
2
3
5
7
2
2
3
IT09549
IT09550
1.0
10
25
37
2
5
37
100
DSF10TB,
TC
50Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com