Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6358NMM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA6358NMM
Description  High-Performance Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6358NMM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6358NMM Datasheet HTML 1Page - Sanyo Semicon Device LA6358NMM Datasheet HTML 2Page - Sanyo Semicon Device LA6358NMM Datasheet HTML 3Page - Sanyo Semicon Device LA6358NMM Datasheet HTML 4Page - Sanyo Semicon Device LA6358NMM Datasheet HTML 5Page - Sanyo Semicon Device LA6358NMM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA6358NMM
No.A0388-2/6
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
Test
circuit
min
typ
max
Unit
Input offset voltage
VIO
1
±1
±3
mV
Input offset current
IIO
IIN(+)/IIN(-)
2
±5
±50
nA
Input bias current
IB
IIN(+)/IIN(-)
3,4
45
250
nA
Common-mode input voltage
range
VICM
5
0
VCC-1.5
V
Common-mode rejection ratio
CMR
VCC = 30V
5
65
80
dB
Large-amplitude voltage gain
VG
VCC = 15V, RL≥2kΩ
6
25
100
V/mV
Output voltage range
VOUT
0
VCC-1.5
V
Supply voltage rejection ratio
SVR
11
65
100
dB
Channel separation
CS
f = 1k to 20kHz
7
120
dB
Current drain
ICC
8
0.5
1.2
mA
Output current (source)
IO source
VIN+ = 1V, VIN - = 0V
9
20
40
mA
Output current (sink)
IO sink
VIN+ = 0V, VIN - = 1V
10
10
20
mA
Package Dimensions
unit : mm
3032D
Pin Assignment
14
85
5.0
0.15
0.35
1.27
(0.65)
SANYO : MFP8(225mil)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com