Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2830 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MA2830
Description  Power Switching Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MA2830 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MA2830 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MA2830 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MA2830 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MA2830 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MA2830 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MA2830 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MA2830 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA2830
●Standard Operating Condition・Design Standard For Application Circuit
Unit
P Class
N Class
Input Rated Voltage
AC90~274 AC90~274
V
Output Nominal Wattage
50
50
W
Output Nominal Voltage
12
12
V
Output Nominal Current
44
A
●Standard Operating Condition・Standard Operating Characteristics (Ta=25℃)
Unit
P Class
N Class
Minimum Input Full Load Output Voltage
Vin=90V, IO=4A
12.0±0.6 12.0±0.6
V
Fig 2, ① Refer
Maximum Input Light Load Output Voltage
Vin=274V, IO=0.4A
12.0±0.6 12.0±0.6
V
Fig 2, ② Refer
AC Input Voltage
IO=4A
MAX 85
MAX 85
V
Over Current Protection
Foldback Current
Vin=274V, VO=10V
MAX 7
MAX 7
AFig 2, ③ Refer
Short Circuit
Vin=274V, RO=0.5Ω
-Fig 2, ④ Refer
mV
Output Ripple Noise
Vin=90~274V, IO=0.4~4A
MAX 150
MAX 150
P-P
Figure in ○=Terminal Sign
Ratings
Ratings
Nodamage To Any Device,
Automatic Recovery.
Item
Conditions
Item
Conditions
Fig2. Output Voltage/Current
Fig1. Measurement Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com