Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6565 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA6565
Description  For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6565 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6565_09 Datasheet HTML 1Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 2Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 3Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 4Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 5Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 6Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 7Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA6565
No.7817-2/8
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
5.6 to 13
V
Electrical Characteristics at Ta
= 25°C, VCC1 = VCC2 = 8V, VREF = 2.5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Overall
Quiescent current when o
ICC-ON
BTL amplifier output on, loading block off *1
30
50
mA
Quiescent current when off
ICC-OFF
All outputs off *1
10
15
mA
Thermal shutdown circuit
operating temperature
TSD
*7
150
175
200
°C
VREF Amplifier
VREF amplifier offset voltage
VREF-OFFSET
-10
+10
mV
VREF input voltage range
VREF-IN
1
VCC-1.5
V
VREF-OUT output current
I-VREF-OUT
1
mA
Operational Amplifier (Independent)
Input voltage range
VIN(OP)
0
VCC-1.5
V
Output current (sink)
SINK(OP)
2
mA
Output current (source)
SOURCE(OP)
300
500
µA
Output offset voltage
VOFF(OP)
-10
+10
mV
Residual current (sink)
VCE-SINK(OP)
IO(sink side) = 1mA
0.6
V
BTL Amplifier Block (Channels 1 to 4)
Output offset voltage
VOFF
The voltage difference between each channel
outputs *2, *3
-50
+50
mV
Input voltage range
VIN
Input voltage range of the input operational amplifiers
0
VCC-1.5
V
Output voltage
VO
IO = 0.5A, the voltage between VO+ and VO- in each
channel
5.7
6.2
V
Closed circuit voltage gain
VG
The gain from the input to the output with the input
amplifier set to 0dB*2, *3
7.2
8
9
times
Slew rate SR
SR
For the independent amplifier. Times 2 when
between outputs.*7
0.5
V/
µs
Muting on voltage
VMUTE-ON
The output on voltage, for each mute function *4
2.5
V
Muting off voltage
VMUTE-OFF
The output off voltage, for each mute function *4
0.5
V
Input Amplifier Block (Channels 1 and 2)
Input voltage range
VIN-OP
0
VCC-1.5
V
Output current (sink)
SINK-OP
2
mA
Output current (source)
SOURCE-OP
*5
300
500
µA
Output offset voltage
VOFF-OP
-10
+10
mV
Loading Block (Channel 5, H bridge circuit)
Output voltage
VO-LOAD
For forward/reverse operation, IO = 0.5A,
VCONT = VCC*
5.7
6.5
V
Braking output saturation
voltage
VCE-BREAK
The output voltage during braking *6
0.3
V
Low-level input voltage
VIN-L
1
V
High-level input voltage
VIN-H
2
V
Power Supply Block (Uses an external 2SB632K PNP-transistor)
Power supply output
VOUT
IO = 200mA
1.260
1.285
1.310
V
REG-IN sink current
REG-IN-SINK
External PNP-transistor base current
5
10
mA
Line regulation
∆VOLN
6V
≤ VCC ≤ 12V, IO = 200mA
10
100
mV
Load regulation
∆VOLD
5mA
≤ IO ≤ 200mA
10
100
mV
*1: The total current dissipation for VCCP1, VCCP2, and VCCS with no load.
*2: The input amplifier is a buffer amplifier.
*3: The voltage difference between the two sides of the load (12
Ω).
*4: When the MUTE pin is high, the output will be on, and when low, the output will be off (high-impedance state).
*5: The input operational amplifier source is constant current. Since the 11k
Ω resistor between this and the next stage functions as the load, the input
operational amplifier gain must be set carefully.
*6: The braking operation is a short (to ground) braking operation. The sink side output is on at this time.
*7: Design guarantee.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com