Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3544 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC3544
Description  isc Silicon NPN RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3544 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC3544 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3544 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3544 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3544 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3544
S-PARAMETER
VCE = 10 V, IC = 5 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.423
-78.0
7.244
107.7
0.047
64.7
0.780
-21.6
400
0.244
-107.9
3.756
84.2
0.062
58.8
0.744
-24.2
600
0.196
-131.7
2.686
69.2
0.088
58.0
0.721
-31.5
800
0.187
-154.3
2.037
55.8
0.099
56.7
0.718
-40.0
1000
0.175
-171.7
1.784
44.9
0.124
58.2
0.726
-49.6
1200
0.171
166.5
1.428
36.1
0.149
58.0
0.756
-58.9
1400
0.174
147.7
1.308
26.2
0.179
57.2
0.774
-67.2
1600
0.204
129.8
1.105
15.6
0.203
56.7
0.742
-75.7
VCE = 10 V, IC = 10 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.281
-100.6
8.206
98.9
0.060
74.9
0.712
-21.5
400
0.220
-128.0
4.067
79.0
0.650
65.6
0.712
-22.6
600
0.218
-151.2
2.892
65.6
0.088
62.0
0.708
-29.8
800
0.181
-172.8
2.175
53.4
0.101
62.2
0.694
-38.6
1000
0.182
169.5
1.882
43.0
0.131
61.6
0.711
-48.0
1200
0.190
150.8
1.503
34.6
0.154
61.9
0.732
-58.1
1400
0.202
133.4
1.370
24.4
0.187
62.3
0.761
-66.6
1600
0.241
120.0
1.150
14.7
0.208
62.1
0.735
-74.9
isc Website:www.iscsemi.cn
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com