Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA73026AV Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA73026AV
Description  Double Scart Interface IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73026AV Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA73026AV Datasheet HTML 1Page - Sanyo Semicon Device LA73026AV Datasheet HTML 2Page - Sanyo Semicon Device LA73026AV Datasheet HTML 3Page - Sanyo Semicon Device LA73026AV Datasheet HTML 4Page - Sanyo Semicon Device LA73026AV Datasheet HTML 5Page - Sanyo Semicon Device LA73026AV Datasheet HTML 6Page - Sanyo Semicon Device LA73026AV Datasheet HTML 7Page - Sanyo Semicon Device LA73026AV Datasheet HTML 8Page - Sanyo Semicon Device LA73026AV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LA73026AV
No.A0239-2/13
Electrical Characteristics at Ta
= 25°C, VCC = ±5.0V, VCCA = 12.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation 1
ICCV1
Pin 24 Flow in current when non-signal
16.0
24.0
32.0
mA
Current dissipation 2
ICCV2
Pin 29 Flow in current when non-signal
12.0
18.0
24.0
mA
Current dissipation 3
ICCA
Pin 14 Flow in current when non-signal
13.0
21.0
29.0
mA
FSS output H voltage
VHFSS
Serial control select FSS OUT H VCCA<13.0V
VCCA-1.0
VCCA-0.5
VCCAV
FSS output M voltage
VMFSS
Serial control select FSS OUT M VCCA<13.0V
5.0
6.0
7.0
V
FSS output L voltage
VLFSS
Serial control select FSS OUT L VCCA <13.0V
0
0.1
0.5
V
M
2.0
3.61
10.0
mA
FSS output cut off current
ICUTOFF
Flow out current when Pin 20
connecting to GND.
H
2.0
3.78
10.0
mA
External control terminal
H voltage
VEXTH
RL = 1.8k
Ω, VCCRL<13V
VCCRL-0.2
VCCRL
V
RL = 1.8k
Ω, VCCRL = 5V
0
0.7
1.0
V
External control terminal
L voltage
VEXTL
RL = 10k
Ω, VCCRL = 5V
0
0.15
1.0
V
RL = 1.8k
Ω, VCCRL = 5V
2.2
2.4
2.78
mA
External control terminal
drive current
IDR
RL = 10k
Ω, VCCRL = 5V
400
485
500
µA
Power Save control H
VPSAVECTLH
Power Save H, control voltage of Pin 8.
3.0
VCCVV
Power Save control L
VPSAVECTLL
Power Save L, control voltage of Pin 8.
0
1.0
V
External mute control H
VMUTECTLH
External mute H, control voltage of Pin 9.
3.0
VCCVV
External mute control L
VMUTECTLL
External mute L, control voltage of Pin 9.
0
1.0
V
Video switches part
Voltage gain V1
VG1V
25, 26pin output, 100% white
5.6
6.1
6.6
dB
Voltage gain V2
VG2V
5 pin output G2 D6-L, 100% white
-0.4
0.1
0.6
dB
Voltage gain V3
VG3V
5 pin output G2 D6-H, 100% white
5.6
6.1
6.6
dB
Frequency characteristics
VF
f = 100kHz/7MHz
-0.5
-0.0
0.5
dB
DG differential gain
DG
VIN = 1Vp-p
-1.0
0.0
1.0
%
DP differential phase
DP
VIN = 1Vp-p
-1.5
0.0
1.5
deg
Output voltage
VOUT
Pin 25, 26 DC voltage when non-signal.
1.15
2.0
V
Audio switches part
Voltage gain 1A
VG1A
Serial control select 0dB.
-0.3
0.2
0.7
dB
Voltage gain 2A
VG2A
Serial control select 2dB.
1.7
2.2
2.7
dB
Voltage gain 3A
VG3A
Serial control select 4dB.
2.7
4.2
4.7
dB
Voltage gain 4A
VG4A
Serial control select 6dB.
5.7
6.2
6.7
dB
Voltage gain 5A
VG5A
Serial control select 12dB.
11.7
12.2
12.7
dB
Maximum output level
VOMAX
Output level at the time of f = 1kHz, THD = 2%
2
3.0
Vrms
Total harmonic distortion
THD
VOUT = 2Vrms, f = 1kHz, AMP 0dB
0.007
0.015
%
Output noise voltage
VONOISE
Rg = 1k
Ω, JIS-A FILTER
-100
-90
dBm
Cross talk between channel
VCTKA
VIN = 1Vrms, f = 1kHz
-90
-75
dB
Mute attenuation
VMUTEA
VIN = 1Vrms, f = 1kHz
-90
-75
dB
Input impedance
ZIN
40
50
60
k
Ω
Output off set voltage
VOFSET
Off set voltage at the time of changeover SW.
-20
0
20
mV
*VCCRL:see Test Circuit.
Design guarantee Items
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Mute attenuation
VMUTEV
VIN = 1Vp-p, f = 4.43MHz
-60
-50
dB
Cross-talk between channel
VCTKV
VIN = 1Vp-p, f = 4.43MHz
Driver output terminated with 75
Ω.
-60
-50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com