Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD2003 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2003
Description  Stepping Motor Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2003 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2003 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2003 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MTD2003
Stepping Motor Driver ICs
Equivalent Circuit・Basic Application Circuit
Pin Assignment
Setting of Output Current and Chopping Frequency
Fig.1 shows constant current chopping wave form.
Output Current setting
Chopping Frequency Setting
Fig.1 Constant current wave form (Motor current / phase)
Io(100%) =
-
Vr
0.015
10・Rs
f =
1
0.72・Ct・Rt
●True Table
IN 1 or 4
IN 2 or 3
Out 1 or 4
Out 2 or 3
LL
OFF
OFF
LH
LH
HL
HL
HH
OFF
OFF
●Recommended Parts Value
Symbol
Recommended Value
Unit
Rs
0.68
Ω
Rt
18kΩ
Ct
3300
pF
Vr
Vcc
V
●Recommended Operating Conditions (Ta=25℃)
Item
Symbol
min.
typ.
max.
Unit
Motor Supply Voltage
Vmm
27
V
Output Current
Io
1
A
Logic Supply Voltage
Vcc
4.75
5.25
V
Chopping Frequency
fchop
20
kHz
Operating Temperature
Top
-25
120
●True Table for Current Chopping Level
Vref(V)
(Vr=5V)
LL
100
0.5±5%
H
L
70
0.35±8%
L
H
33
0.17±10%
HH
0
Io
I1
Current Level(%)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com