Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1205 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1205
Description  High-Voltage, Large-Current Darlington Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1205 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1205_08 Datasheet HTML 1Page - Sanyo Semicon Device LB1205_08 Datasheet HTML 2Page - Sanyo Semicon Device LB1205_08 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LB1205
No.1831-2/3
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VDD
3.5 to 7.0
V
Input “ON” level voltage
VINon
VIN ≥ GND, IO = 1.0A
VDD-7.0 to VDD-2.6
V
Input “OFF” level voltage
VINoff
IO ≤ 30µA
VDD-0.3 to VDD+10.0
V
Electrical Characteristics at Ta
= 25°C, VDD = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VOsat1
VIN = VDD-5.0V, IO = 0.5A
1.2
V
VOsat2
VIN = VDD-5.0V, IO = 1.0A
1.5
V
Output saturation voltage
VOsat3
VIN = VDD-5.0V, IO = 1.5A
2.0
V
Output sustain voltage
VOsus
IO = 100mA
65
V
Input current
IIN
VDD = 7.0V, VIN = VDD-7.0V
1.0
mA
Spark killer diode forward voltage
VFS
IFS = 1.5A
3.0
V
Spark killer diode reverse current
IRS
VCC = 62V, VO = 0V
30
µA
Package Dimensions
unit : mm (typ)
3054B
SANYO : DIP16F(300mil)
1
8
16
9
0.5
(0.61)
2.54
19.0
1.3
1.65
1.25
Pin Assignment
1
2
3
4
5
6
7
8
VCC OUT1 IN1 GND
IN2
NC
GND
OUT2
16
15
14
13
12
11
10
9
OUT4 IN4 VDD GND GND IN3 OUT3 VCC
Top view
Note: VCC (pins 1 and 9) is shorted internally.
Recommended PCB
80×60mm2
Cu-foiled (GND) 3cm2
-20
0
20
40
60
80
100
0
3.0
2.0
1.5
1.0
0.5
Pd max -- Ta
75
2.5
2.6
1.9
1.14
1.56
Ambient temperature, Ta -- °C
Independent IC
Mounted on the recommended PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com