Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1638 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1638
Description  Low-Voltage, Low-Saturation Bidirectional Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1638 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1638_08 Datasheet HTML 1Page - Sanyo Semicon Device LB1638_08 Datasheet HTML 2Page - Sanyo Semicon Device LB1638_08 Datasheet HTML 3Page - Sanyo Semicon Device LB1638_08 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1638,1638M
No.3515-2/4
SANYO : DIP10S(300mil)
9.14
0.95
15
10
6
0.48
(1.01)
1.78
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.5 to 9.0
V
Supply voltage range
VS
2.2 to 9.0
V
Input high-level voltage
VIH
2.0 to 9.0
V
Input low-level
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
VIN1,2
ICC + IS
10
µA
ICC1
VIN1 = 3V, VIN2 = 0V
ICC + IS
20
mA
Current drain
ICC2
VIN1,2 = 3V
ICC + IS
40
mA
VOUT1
IOUT = 200mA
0.25
0.5
V
Output saturation voltage
(upper + lower)
VOUT2
IOUT = 500mA
0.70
1.3
V
Output pin voltage difference
IO = 200mA
0.1
V
Output sustain voltage
VO(sus)
IOUT = 500mA
9
V
Input current
IIN
VIN = 7V, VCC = 7V
0.5
mA
Spark killer diode
Reverse current
IS(leak)
VCC, VS = 7V
10
µA
Forward voltage
VSF
IOUT = 200mA
1.7
V
Package Dimensions
unit : mm (typ)
3098D
Package Dimensions
unit : mm (typ)
3086B
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com