Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1641 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1641
Description  Bidirectional Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1641 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1641_08 Datasheet HTML 1Page - Sanyo Semicon Device LB1641_08 Datasheet HTML 2Page - Sanyo Semicon Device LB1641_08 Datasheet HTML 3Page - Sanyo Semicon Device LB1641_08 Datasheet HTML 4Page - Sanyo Semicon Device LB1641_08 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1641
No.2757-2/5
Electrical Characteristics at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input threshold voltage
Vth
RL = ∞
1.1
1.3
1.5
V
Minimum input on-state current
IIN
RL = ∞
10
15
µA
Output voltage
VO
RL = 60Ω, VZ = 7.4V
6.6
7.2
7.4
V
Output leakage current
IOL
Pins 5,6 GND, RL = ∞
0.01
1.0
mA
Current drain
ICC
Pins 5,6 GND, RL = ∞
36
10
mA
Vsat1
IOUT = 300mA
1.9
2.2
V
Saturation voltage (upper)
Vsat1’
IOUT = 500mA
1.9
2.3
V
Vsat2
IOUT = 300mA
0.25
0.5
V
Saturation voltage (lower)
Vsat2’
IOUT = 500mA
0.4
0.65
V
Package Dimensions
unit : mm (typ)
3043C
Pin Assignment
P1
OUT1
VCC2
OUT2
P2
VCC1
VZ
IN2
IN1
GND
1
2
3
4
5
6
7
8
9
10
LB1641
Top view
Truth Table
Input
Output
IN1
IN2
IN3
IN4
Operation
0
0
0
0
Braking
1
0
1
0
Forward (reverse) drive
0
1
0
1
Reverse (forward) drive
1
1
0
0
Braking
Input level 1 : 2.0V or greater
0 : 0.7V or less
SANYO : SIP10
0.5
0.25
2.54
(0.62)
110
24.0
1.5
1.2
3.25
-25
0
25
50
75
100
0
1.4
0.8
0.6
0.4
0.2
Pd max -- Ta
1.2
1.0
Ambient temperature, Ta -- °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com