Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1838M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1838M
Description  Low-Voltage, Low-Saturation Bidirectional Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1838M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1838M Datasheet HTML 1Page - Sanyo Semicon Device LB1838M Datasheet HTML 2Page - Sanyo Semicon Device LB1838M Datasheet HTML 3Page - Sanyo Semicon Device LB1838M Datasheet HTML 4Page - Sanyo Semicon Device LB1838M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1838M
No.3949-2/5
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.5 to 9.0
VV
Supply voltage
VS
1.8 to 9.0
V
Input high-level voltage
VIH
1.8 to 9.0
V
Input Low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
ENA1,2 = 0V, VIN1 = 3V or 0V
0.1
10
µA
Current drain
ICC1
ENA1 = 3V, VIN1 = 3V or 0V
12
18
mA
VOUT1
ENA = 3V, VIN = 3V or 0V, IOUT = 200mA
0.2
0.28
V
Output saturation voltage
VOUT2
ENA = 3V, VIN = 3V or 0V, IOUT = 400mA
0.4
0.6
V
IIN
VCC = 6V, VIN = 6V
200
µA
Input current
IENA
VCC = 6V, ENA = 6V
200
µA
Output sustaining voltage
VO(SUS)
IOUT = 400mA
9
V
Spark killer diode
Reverse current
IS(leak)
VCC1, VS = 7V
30
µA
Forward voltage
VSF
IOUT = 400mA
1.7
V
Package Dimensions
unit : mm (typ)
3111A
Pin Assignment
1
VCC
2
ENA1
3
OUT1
4
VS1
5
OUT2
6
IN1
7
GND
8
Vcont
14
13
12
11
10
9
GND ENA2 OUT3 VS2 OUT4 IN2
LB1838M
Note: Both GND pins should be connected to ground.
SANYO : MFP14S(225mil)
1
14
7
8
8.0
0.15
(1.0)
1.0
0.35
-20
0
20
40
60
80
100
0
1000
800
600
400
200
Pd max -- Ta
550
330
480
Ambient temperature, Ta --
°C
Independent IC
With specified board
Specified board: 20
×30×1.5mm3
glass epoxy board.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com