Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1868 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1868
Description  2-phase Brushless Fan Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1868 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1868_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1868
No.6202-2/5
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
6.0 to 50
mA
Common mode input voltage range
VICM
0.2 to VIN-1.5
V
Electrical Characteristics at Ta
= 25°C, ICC = 10mA
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VOLM1
Z1, Z2 open
54
57
60
V
Output limiter withstand voltage
VOLM2
Z1, Z2 short
31
33
35
V
VOsat1
IO = 0.5A
0.95
1.2
V
Output saturation voltage
VOsat2
IO = 1.0A
1.15
1.5
V
VIN voltage
VIN
ICC = 7.0mA
6.4
6.7
7.0
V
Hall input sensitivity (at zero peak)
VHN
Including offset and hysteresis
20
mV
RD output saturation voltage
VRDsat
IRD = 5mA
0.1
0.3
V
CT drain current
IC1
C = GND
2.7
3.8
4.9
µA
CT discharge current
IC2
C = VIN
0.19
0.30
0.41
µA
VTH1
0.77
0.8VIN
0.83
V
Comp input threshold voltage
VTH2
0.42
0.45VIN
0.48
V
Thermal protection operating
temperature
TSD
Design target value *
180
°C
Thermal protection circuit
hysteresis
∆TSD
Design target value *
40
°C
* Design target value, Do not measurement.
Package Dimensions
unit : mm (typ)
3098D
SANYO : DIP10S(300mil)
9.14
0.95
15
10
6
0.48
(1.01)
1.78
1.2
Pd max -- Ta
Ambient temperature, Ta -- °C
-30
0
20
40
60
80
100
0
0.8
0.6
0.4
0.2
-20
1.0
1.1
0.48
95



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com