Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4235 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4235
Description  isc Silicon NPN Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4235 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4235 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4235 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4235 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4235 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4235
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.1A; IB= 0
800
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 0.3A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1.5A; IB= 0.3A
1.5
V
ICBO
Collector Cutoff Current
At rated Voltage
100
μA
ICEO
Collector Cutoff Current
At rated Voltage
100
μA
IEBO
Emitter Cutoff Current
At rated Voltage
100
μA
hFE-1
DC Current Gain
IC= 1.5A ; VCE= 5V
8
hFE-2
DC Current Gain
IC= 1mA ; VCE= 5V
7
fT
Current-Gain—Bandwidth Product
IC= 0.3A ; VCE= 10V
8
MHz
Switching times
ton
Turn-on Time
0.5
μs
tstg
Storage Time
3.5
μs
tf
Fall Time
IC= 1.5A , IB1= 0.3A; IB2= -0.6A
RL= 170Ω; VBB2= 4V
0.3
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com