Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S15SCA4M Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S15SCA4M
Description  Schottky Barrier Diode(40V 15A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S15SCA4M Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S15SCA4M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd S15SCA4M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
●
Switching power supply
●
DC/DC converter
●
Home Appliances, Office Equipment
●
Telecommunication
FEATURES
S15SCA4M
40V 15A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
SHINDENGEN
Schottky Barrier Diode
Case : TO-220
Twin Diode
RATINGS
FEATURE
APPLICATION
●
SMT
●
Tj150℃
●
PRRSM avalanche guaranteed
●
High current capacity with Small Package
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=129℃
15A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
150
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Rating of per diode, Tj=25℃
330
W
Mounting Torque
TOR
(Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=7.5A,
Pulse measurement, Rating of per diode
Max.0.55
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.5
mA
Junction Capacitance
Cj
f=1MHz, VR=10V,
Rating of per diode
Typ.340
pF
Thermal Resistance
θjc
junction to case
Max.1.7
℃/W


Similar Part No. - S15SCA4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15SC3M SHINDENGEN-S15SC3M Datasheet
158Kb / 1P
SEMICONDUCTOR
S15SC4M SHINDENGEN-S15SC4M Datasheet
514Kb / 10P
Schottky Barrier Diode(40V 15A)
S15SC4M SHINDENGEN-S15SC4M Datasheet
158Kb / 1P
SEMICONDUCTOR
More results

Similar Description - S15SCA4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D15SCA4M SHINDENGEN-D15SCA4M Datasheet
689Kb / 11P
Schottky Rectifiers (SBD) (40V 15A)
S15SC4M SHINDENGEN-S15SC4M Datasheet
514Kb / 10P
Schottky Barrier Diode(40V 15A)
logo
Sanyo Semicon Device
SBT150-04J SANYO-SBT150-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
SBT150-04Y SANYO-SBT150-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
logo
Renesas Technology Corp
RJS6005TDPP-EJ RENESAS-RJS6005TDPP-EJ_15 Datasheet
68Kb / 4P
600V - 15A - Diode SiC Schottky Barrier Diode
logo
ON Semiconductor
NSR05T40XV2 ONSEMI-NSR05T40XV2 Datasheet
66Kb / 5P
500mA, 40V Schottky Barrier Diode
February, 2017 ??Rev. 1
logo
Zibo Seno Electronic En...
SL1545 ZSELEC-SL1545 Datasheet
272Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
15SQ030 ZSELEC-15SQ030 Datasheet
171Kb / 2P
15A SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
D15FR4ST SHINDENGEN-D15FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 15A
logo
Renesas Technology Corp
RJS6005TDPP-EJ RENESAS-RJS6005TDPP-EJ Datasheet
170Kb / 4P
600V - 15A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com