Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG201B
Description  Improved Quad CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201B Datasheet(HTML) 5 Page - Vishay Siliconix

  DG201B Datasheet HTML 1Page - Vishay Siliconix DG201B Datasheet HTML 2Page - Vishay Siliconix DG201B Datasheet HTML 3Page - Vishay Siliconix DG201B Datasheet HTML 4Page - Vishay Siliconix DG201B Datasheet HTML 5Page - Vishay Siliconix DG201B Datasheet HTML 6Page - Vishay Siliconix DG201B Datasheet HTML 7Page - Vishay Siliconix DG201B Datasheet HTML 8Page - Vishay Siliconix DG201B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document Number: 70037
S11-0800-Rev. J, 25-Apr-11
www.vishay.com
5
Vishay Siliconix
DG201B, DG202B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. VD and Power Supply Voltages
RDS(on) vs. VD and Single Power Supply Voltages
Leakage Currents vs. Analog Voltage
- 20 - 16 - 12
- 8
- 4
0
4
8
12
16
20
40
50
60
70
80
90
100
11
0
± 5 V
VD - Drain Voltage (V)
± 10 V
± 15 V
± 20 V
30
20
10
02468
10
12
14
16
0
25
50
75
100
125
150
175
200
225
VD - Drain Voltage (V)
V+ = 5 V
7 V
10 V
12 V
15 V
250
IS(off), ID(off)
ID(on)
- 20
- 15
- 10
- 5
0
5
10
15
20
80
60
40
20
0
- 20
- 40
- 60
- 80
Temperature (°C)
V+ = 22 V
V- = - 22 V
TA = 25 °C
RDS(on) vs. VD and Temperature
Input Switching Threshold vs. Supply Voltage
Leakage Currents vs. Temperature
0
10
20
30
40
50
- 15
- 10
- 5
0
5
10
15
VD - Drain Voltage (V)
125 °C
85 °C
25 °C
- 55 °C
V+ = 15 V
V- = - 15 V
60
70
80
90
100
0
0.5
1
1.5
2
2.5
4
6
8
10
1214
1618
20
V+ Positive Supply (V)
- 55
25
45
5
- 15
65
1 nA
100 pA
10 pA
- 35
1 pA
85
105 125
V+ = 15 V
V- = - 15 V
VS, VD = ± 14 V
IS(off), ID(off)
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com