Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87BK08A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC87BK08A
Description  8-bit 1-chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87BK08A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC87BK08A Datasheet HTML 1Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 2Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 3Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 4Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 5Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 6Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 7Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 8Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC87BK08A/06A/04A
No.A1984-2/27
Minimum Instruction Cycle Time
• 250ns (12MHz at VDD=2.7V to 5.5V)
Ports
• Normal withstand voltage I/O ports
Ports I/O direction can be designated in 1-bit units
12 (P1n, P20, P21, P70, CF2/XT2)
Ports I/O direction can be designated in 4-bit units
8 (P0n)
• Dedicated oscillator ports/input ports
1 (CF1/XT1)
• Reset pin
1 (RES)
• Power pins
2 (VSS1, VDD1)
Timers
• Timer 0: 16-bit timer/counter with a capture register.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
+ 8-bit counter (with an 8-bit capture register)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
• Timer 1: 16-bit timer/counter that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/
counter with an 8-bit prescaler (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
× 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(The lower-order 8 bits can be used as PWM)
• Timer 6: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Timer 7: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Base timer
1) The clock is selectable from the subclock (32.768kHz crystal oscillation), system clock, and timer 0 prescaler
output.
2) Interrupts are programmable in 5 different time schemes
SIO
• SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
AD Converter: 12 bits/8 bits
× 8 channels
• 12 bits/8 bits AD converter resolution selectable
Remote Control Receiver Circuit (sharing pins with P15, SCK1, INT3, and T0IN)
• Noise rejection function (noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC)
Clock Output Function
• Capable generating clock outputs with a frequency of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 of the source clock selected
as the system clock.
• Capable generating the source clock for the subclock
Watchdog Timer
• Capable generating an internal reset on an overflow of a timer running on the low-speed RC oscillator clock or
subclock.
• Operating mode at standby is selectable from 3 modes (continue counting/stop operation/stop counting with a
count value held).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com