Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16K23 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT16K23
Description  RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K23 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT16K23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Rev. 1.10
21
July 01, 2011
HT16K23
Read Operation
● In this mode, the master reads the HT16K23 data after setting the slave address. Following a R/W bit (=“0”)
and an acknowledge bit, the register address (An) is written to the address pointer. Next a START condition and
a slave address are repeated followed by a R/W bit (=“1”). The data which was addressed is then transmitted.
The address pointer is only incremented on reception of an acknowledge clock. The HT16K23 will place the
data at address An+1 on the bus. The master reads and acknowledges the new byte and the address pointer is
incremented to “An+2”. If the register address (An) is 0X00H ~ 0X0FH, after reaching the memory location
0X0FH, the pointer will reset to 0X00H. If the register address (An) is 0X20H ~ 0X22H, after reaching the
memory location 0X22H, the pointer will reset to 0X20H.
● This cycle of reading consecutive addresses will continue until the master sends a STOP condition.
1 1 1 0 0 1 1 1
S
SLAVE ADDRESS
READ
DATA(n)
ACK
ACK
ACK
DATA(n+1)
ACK
DATA(n+x)
P
1 1 1 0 0 1 1 0
S
ACK
SLAVE ADDRESS
WRITE
REGISTER
ADDRESS(An)
P
ACK
NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com