Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1252 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT32F1252
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1252 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT32F1252 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1252 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Rev. 1.00
13 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Universal Synchronous Asynchronous Receiver Transmitter (USART)
▄ Operating frequency: up to 4.5 MHz
▄ Supports both asynchronous and clocked synchronous serial communication modes
▄ IrDA SIR encoder and decoder
▄ RS485 mode with output enable control
▄ Full Modem function
▄ FIFO Depth: 16 x 9 bits for both receiver and transmitter
The Universal Synchronous Asynchronous Receiver Transceiver, USART, provides a flexible
full duplex data exchange using synchronous or asynchronous transfer. The USART is used to
translate data between parallel and serial interfaces, and is also commonly used for RS232 standard
communication. The USART peripheral function supports five-types of interrupt including Line
Status Interrupt, Transmitter FIFO Empty Interrupt, Receiver Threshold Level Reaching Interrupt,
Time Out Interrupt and MODEM Status Interrupt. The USART module includes a 16-byte
transmitter FIFO, (TX_FIFO) and a 16-byte receiver FIFO (RX_FIFO).
Software can detect a USART error status by reading the Line Status Register, LSR. The status
includes the type and the condition of transfer operations as well as several error conditions
resulting from Parity, Overrun, Framing and Break events.
The USART includes a programmable baud rate generator which is capable of dividing the CK_
AHB to produce a clock for the USART transmitter and receiver.
Debug Support
▄ Serial Wire Debug Port - SW-DP
▄ 6 instruction comparators and 2 literal comparators for hardware breakpoint or code / literal
patch
▄ 4 comparators for hardware watchpoint
▄ 1-bit asynchronous trace - TRACESWO
Package and Operation Temperature
▄ 48-pin LQFP package
▄ Operation temperature range: -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com